PART |
Description |
Maker |
V375C5T200B V375A5C200B V375A5H200B V375A5M200B V3 |
375Vin / 5Vout / 200Watts DC-DC Converter Module
|
VICOR[Vicor Corporation]
|
V24C15T200B V24A15C200B V24A15H200B V24A15M200B V2 |
24Vin / 15Vout / 200Watts DC-DC Converter Module 24Vin / 15Vout / 200Watts DC - DC转换模块
|
Vicor, Corp. VICOR[Vicor Corporation]
|
TV02W150B-HF TV02W120B-HF TV02W280B-HF TV02W330B-H |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=15V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P<sub>PPM</sub>=200Watts, V<sub>RWM</sub>=30V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=200Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=200Watts, V-RWM=75V, Tolerance=5%
|
Comchip Technology
|
V375A15C600B V375C15T600B V375A15H600B V375A15M600 |
375Vin / 15Vout / 600Watts DC-DC Converter Module 375Vin / 15Vout / 600Watts DC - DC转换模块
|
Vicor, Corp. VICOR[Vicor Corporation]
|
V24A12C200B V24C12T200B V24A12H200B V24A12M200B V2 |
24Vin / 12Vout / 200Watts DC-DC Converter Module 24Vin / 12Vout / 200Watts DC-DC Converter Module 24Vin / 12Vout / 200Watts DC - DC转换模块
|
VICOR[Vicor Corporation] Vicor, Corp.
|
V375B28C300A |
375Vin / 28Vout / 300Watts DC-DC Converter Module
|
Vicor Corporation
|
V375B48C300B V375C48T300B V375A48C300B V375A48H300 |
375Vin / 48Vout / 300Watts DC-DC Converter Module
|
VICOR[Vicor Corporation]
|
V375C15T300B V375A15C300B V375A15H300B V375A15M300 |
375Vin / 15Vout / 300Watts DC-DC Converter Module
|
VICOR[Vicor Corporation]
|
S15-48-1.5 |
48Vin 1.5Vout 6A
|
Broadband TelCom Power, Inc.
|
S15-48-2.5 |
48Vin 2.5Vout 4.5A
|
Broadband TelCom Power, Inc.
|
MPD5D016S |
CONV DC/DC 5W 2.5VOUT 1.2A SMT
|
MURATA MANUFACTURING CO LTD
|